Part Number Hot Search : 
TLN22507 MAX163 BD4148SE TPC8115 KPY55A SM1010 TFS868 W90P710
Product Description
Full Text Search
 

To Download FDC602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 1999 advance information ? 1999 fairchild semiconductor corporation FDC602p rev a FDC602p p-channel 2.5v specified powertrench ? ? ? ? mosfet general description this p-channel 2.5v specified mosfet uses a rugged gate version of fairchild?s advanced powertrench process. it has been optimized for power management applications with a wide range of gate drive voltage (2.5v ? 12v). applications ? = battery management ? = load switch ? = battery protection features ? = ?5.5 a, ?12 v r ds(on) = 0.033 ? @ v gs = ?4.5 v r ds(on) = 0.052 ? @ v gs = ?2.5 v ? = fast switching speed. ? = high performance trench technology for extremely low r ds(on) . d d d s d g supersot -6 tm 6 5 4 1 2 3 absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage ?12 v v gss gate-source voltage 12 v i d drain current ? continuous (note 1a) -5.5 a ? pulsed -30 maximum power dissipation (note 1a) 1.6 w p d (note 1b) 0.8 t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics r ja thermal resistance, junction-to-ambient (note 1a) 78 c/w r jc thermal resistance, junction-to-case (note 1) 30 c/w package marking and ordering information device marking device reel size tape width quantity .602 FDC602p 7?? 8mm 3000 units FDC602p
f dc602p rev a electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = ?250 a ?12 v i dss zero gate voltage drain current v ds = ?10 v, v gs = 0 v ?1 a i gssf gate?body leakage, forward v gs = 12 v, v ds = 0 v 100 na i gssr gate?body leakage, reverse v gs = ?12 v v ds = 0 v ?100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = ?250 a ?0.6 ?1.5 v r ds(on) static drain?source on?resistance v gs = ?4.5 v, i d = ?5.5 a v gs = ?2.5 v, i d = ?4.4 a 0.033 0.052 ? drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current ?1.3 a v sd drain?source diode forward voltage v gs = 0 v, i s = ?1.3 a (note 2) ?1.2 v notes: 1. r ja is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mou nting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. a. 78c/w when mounted on a 1in 2 pad of 2oz copper on fr-4 board. b. 156c/w when mounted on a minimum pad. 2. pulse test: pulse width = 300 s, duty cycle = 2.0% FDC602p
1998 fairchild semiconductor corporation embossed carrier tape ssot-6 packaging configuration: fi g ur e 1.0 comp onent s lead er tape 500mm mi nimum or 125 emp t y poc kets traile r tap e 300mm mi nimum or 75 empt y poc kets ssot-6 tape leader and trailer configuration: fi g ur e 2.0 cover tape carrier tape note/comments packaging option ssot-6 packaging information stan da rd (no f l ow c ode ) d87z packaging type reel size tnr 7" di a tnr 13" qty per reel/tube/bag 3,000 10,000 box dimension (mm) 184x 187x 47 343x 343x 64 max qty per box 9,000 30,000 weight per unit (gm) 0.0158 0.0158 weight per reel (kg) 0.1440 0.4700 f63tnr label customize label antistatic cover tape 184mm x 187mm x 47mm pizza box fo r standar d option f63tnr label f63tnr label f63tnr label sampl e 343mm x 342mm x 64mm intermediate box fo r d87z option f63tnr label ssot-6 unit orientation 631 631 631 631 631 pin 1 lot: cbvk741b019 fsid: fdc633n d/c1: d9842 qty1: spec rev: spec: qty: 3000 d/c2: qty2: cpn: n/f: f (f63tnr)3 packaging description: ssot-6 parts are shipped in tape. the carrier tape is made from a dissipative (carbon filled) polycarbonate resin. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 3,000 units per 7" or 177cm diameter reel. the reels are dark blue in color and is made of polystyrene plastic (anti- static coated). other option comes in 10,000 units per 13" or 330cm diameter reel. this and some other options are described in the packaging information table. these full reels are individually barcode labeled and placed inside a pizza box (illustrated in figure 1.0) made of recyclable corrugated brown paper with a fairchild logo printing. one pizza box contains three reels maximum. and these pizza boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped. supersot tm -6 tape and reel data and package dimensions august 1999, rev. c
p1 a0 d1 p0 f w e1 d0 e2 b0 tc wc k0 t dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 8mm 7" dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 2.165 55 0.331 +0.059/-0.000 8.4 +1.5/0 0.567 14.4 0.311 0.429 7.9 ?10.9 8mm 13" dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 4.00 100 0.331 +0.059/-0.000 8.4 +1.5/0 0.567 14.4 0.311 0.429 7.9 ?10.9 see detail aa dim a max 13" diameter option 7" diameter option dim a max see detail aa w3 w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum sketch c (top view) component lateral movement typical component cavity center line 20 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed ssot-6 embossed carrier tape configuration: fi g ure 3.0 ssot-6 reel configuration: fi g ure 4.0 dimensions are in millimeter pkg type a0 b0 w d0 d1 e1 e2 f p1 p0 k0 t wc tc ssot-6 (8mm) 3.23 +/-0.10 3.18 +/-0.10 8.0 +/-0.3 1.55 +/-0.05 1.125 +/-0.125 1.75 +/-0.10 6.25 min 3.50 +/-0.05 4.0 +/-0.1 4.0 +/-0.1 1.37 +/-0.10 0.255 +/-0.150 5.2 +/-0.3 0.06 +/-0.02 supersot tm -6 tape and reel data and package dimensions, continued july 1999, rev. c
1998 fairchild semiconductor corporation supersot -6 (fs pkg code 31, 33) supersot tm -6 tape and reel data and package dimensions, continued september 1998, rev. a 1:1 scale 1:1 on letter size paper dimensions shown below are in: inches [millimeters] part weight per unit (gram): 0.0158
trademarks acex? coolfet? crossvolt? e 2 cmos tm fact? fact quiet series? fast ? fastr? gto? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. tinylogic? uhc? vcx? isoplanar? microwire? pop? powertrench qfet? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 ? www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDC602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X